PART |
Description |
Maker |
APW7136ACI-TRL APW7136BCI-TRL APW7136C APW7136CCI- |
1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
|
Anpec Electronics Coropration
|
LT1766EFE-5-PBF LT1766EFE-5-TR LT1766EFE-5-TRPBF L |
High Voltage 1.5A, 200kHz Step-Down Switching Regulators 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3 A SWITCHING REGULATOR, 228 kHz SWITCHING FREQ-MAX, PDSO16 5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
FAN5307SX FAN5307 FAN5307MP15X FAN5307MP18X FAN530 |
High-efficiency step-down DC/DC converter 0.7 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO5 High-Efficiency Step-Down DC-DC Converter
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
L6920D L6920 |
1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER 1V的高SYNCRONOUS升压转换 1V HIGH EFFICIENCY SYNCHRONOUS STEP UP CONVERTER
|
STMicroelectronics N.V. 意法半导
|
MIC2253-06YML |
3.5A 1MHz High Efficiency Boost Regulator with OVP and Softstart
|
Micrel Semiconductor
|
MIC22602YML |
1MHz, 6A Integrated Switch High Efficiency Synchronous Buck Regulator
|
Micrel Semiconductor
|
ISL8036ADUALEVAL1Z ISL8036CRSHEVAL1Z ISL8036ACRSHE |
Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
|
Renesas Electronics Corporation
|
ISL8013A |
3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
|
Intersil Corporation
|